Part Number Hot Search : 
EMK12 SM4T7V5 04431 PD070 ZTX651 NTE56006 1606B EL5164IS
Product Description
Full Text Search
 

To Download ET-LP2950-XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  100 ma low dropout positive voltage regulator description the mik2950-xx/mik2951-xx is a low pow er voltage regulator. this dev ice excellent choice for use in battery pow ered application such as cordless telephone, radio control sy stems, and portable computers. the mik2950-xx/mik2951-xx features very low quiescent current ( 75a ty p.) and very low drop output voltage (ty p . 40mv at light load and 380mv at 100ma). this includes a tight initial toleranc e of 0.5% ty p., extremely good load and line regulation of 0.05 % ty p., and very low output temperature coefficient, making the mik 2950-xx/mik2951-xx useful as a low - pow er voltage reference. the error flag output feature is used as pow er-on reset for w a rn of a low output voltage, due to follow i ng batteries on input. other feature is the logic-compatible shutdow n input w h ich enable the regulator to be sw itched on and off. the mik2951-xx is available in 8-p in plastic packages. the regulator output voltage may be pin-strapped fo r a -xx volt or programmed from 1.24 volt to 29 volts w i th external pair of resistors. the mik2950-xx is offered in 3-pin to-92 pack age compatible w i th other fixed regulator. features ? high accuracy output voltage ? guaranteed 100ma output ? very low quiescent current ? low dropout voltage ? extremely tight load and line regulation ? very low temperature coefficient ? needs only 1mf for stability ? error flag w a rns of output dropout ? logic-controlled electronic shutdow n ? output programmable from 1.24 to 29v applications ? battery pow ered sy stems ? cordless telephones ? radio control sy stems ? portable/palm top/notebook computers ? portable consumer equipment ? portable instrumentation ? avionics ? automotive electronics ? smps post-regulator ? voltage reference ty pical application data 100 ma adjustable regulator package information top v i e w t o -92 plastic package (mik2950-xx only ) pin co n n ectio n mik2951-xx 1 8 3 6 4 5 in pu t ou t p u t fee d b a c k se n s e -x x v t a p sh u t d o w n err o r gr o u nd 2 7 mi k 2 9 5 1 - x x ????? absolute maximum ratings p a r a m e t e r m a x i m u m u n i t s pow e r dissipation internally limited w lead temperature (soldering, 5 seconds) 260 c storage temperature range -65 to+150 c operating junction temperature range -55 to +150 c input supply voltage -0.3 to +30 v feedback input voltage -1.5 to +30 v shutdow n input voltage -0.3 to +30 v error comparator output -0.3 to +30 v device selection guide (note 1) dev i ce output v o ltage mik2950-2.85, mi k 2 9 5 1 - 2 . 8 5 2 . 8 5 mik2950-3.0, mi k 2 9 5 1 - 3 . 0 3 . 0 mik2950-3.3, mi k 2 9 5 1 - 3 . 3 3 . 3 mik2950-5.0, mi k 2 9 5 1 - 5 . 0 5 . 0 note 1: other versions are ava ilable vout = 2.9v to 5.0v page 1 of 3 beijing estek electronics co.,ltd et- lp2950-xx et- lp2951-xx
description the mik2950-xx/mik2951-xx is a low pow er voltage regulator. this dev ice excellent choice for use in battery pow ered application such as cordless telephone, radio control sy stems, and portable computers. the mik2950-xx/mik2951-xx features very low quiescent current ( 75a ty p.) and very low drop output voltage (ty p . 40mv at light load and 380mv at 100ma). this includes a tight initial toleranc e of 0.5% ty p., extremely good load and line regulation of 0.05 % ty p., and very low output temperature coefficient, making the mik 2950-xx/mik2951-xx useful as a low - pow er voltage reference. the error flag output feature is used as pow er-on reset for w a rn of a low output voltage, due to follow i ng batteries on input. other feature is the logic-compatible shutdow n input w h ich enable the regulator to be sw itched on and off. the mik2951-xx is available in 8-p in plastic packages. the regulator output voltage may be pin-strapped fo r a -xx volt or programmed from 1.24 volt to 29 volts w i th external pair of resistors. the mik2950-xx is offered in 3-pin to-92 pack age compatible w i th other fixed regulator. features ? high accuracy output voltage ? guaranteed 100ma output ? very low quiescent current ? low dropout voltage ? extremely tight load and line regulation ? very low temperature coefficient ? needs only 1mf for stability ? error flag w a rns of output dropout ? logic-controlled electronic shutdow n ? output programmable from 1.24 to 29v applications ? battery pow ered sy stems ? cordless telephones ? radio control sy stems ? portable/palm top/notebook computers ? portable consumer equipment ? portable instrumentation ? avionics ? automotive electronics ? smps post-regulator ? voltage reference ty pical application data 100 ma adjustable regulator package information top v i e w t o -92 plastic package (mik2950-xx only ) pin co n n ectio n mik2951-xx 1 8 3 6 4 5 in pu t ou t p u t fee d b a c k se n s e -x x v t a p sh u t d o w n err o r gr o u nd 2 7 mi k 2 9 5 1 - x x ????? absolute maximum ratings p a r a m e t e r m a x i m u m u n i t s pow e r dissipation internally limited w lead temperature (soldering, 5 seconds) 260 c storage temperature range -65 to+150 c operating junction temperature range -55 to +150 c input supply voltage -0.3 to +30 v feedback input voltage -1.5 to +30 v shutdow n input voltage -0.3 to +30 v error comparator output -0.3 to +30 v device selection guide (note 1) dev i ce output v o ltage mik2950-2.85, mi k 2 9 5 1 - 2 . 8 5 2 . 8 5 mik2950-3.0, mi k 2 9 5 1 - 3 . 0 3 . 0 mik2950-3.3, mi k 2 9 5 1 - 3 . 3 3 . 3 mik2950-5.0, mi k 2 9 5 1 - 5 . 0 5 . 0 note 1: other versions are ava ilable vout = 2.9v to 5.0v page 1 of 3 beijing estek electronics co.,ltd et- lp2950-xx et- lp2951-xx
electrical characteristics electrical characteristics at ta = 25oc, vin = 15v; unless otherw i se noted p a r a m e t e r t e s t c o n d i t i o n s (note 2) m i n ty p m a x u n i t s output voltage -25 q c d t j d 85 q c full operating temperature 0.985 |v 0 | 0.98 |v 0 | v 0 1 . 0 1 5 |v 0 | 1.02 |v 0 | output voltage 100a d i l d 100ma, t j d t jm a x 0.976|v 0 | v 0 1 . 0 2 4 |v 0 | v output voltage temperature coefficient (note 1) 50 150 ppm/ q c line regulation (note 3) v 0 + 1v d v in d 30v (note 4) 0 . 0 4 0 . 4 % load regulation (note 3) 100a d i l d 100ma 0 . 1 0 . 3 % dropout voltage (note 5) i l =100 a i l =100 ma 5 0 380 80 450 mv ground current i l =100 a i l =100 ma 7 5 8 120 12 a ma dropout ground current v in =v 0 - 0.5v, i l =100 a 110 170 a current limit vout=0 160 200 ma thermal regulation 0.05 0.2 %/w output noise, 10hz to 100khz c l =1f c l =200f c l =3.3f (by pass=0.01 f pins 7 to 1 (mik2951-xx)) 4 3 0 160 100 v r m s 8-pin versions only reference v o l t a g e 1 . 2 1 1 . 2 3 5 1 . 2 6 reference voltage over temperature (note 6) 1.185 1.285 v feedback pin bias current 20 40 na reference voltage temperature coefficient (note 7) 50 ppm/ q c feedback pin bias current temperature coefficient 0.1 na/ q c error comparator output leakage current voh=30v 0.01 1.0 a output low voltage vin=4.5v, i ol =400 a 150 250 upper threshold voltage (note 8) 40 60 low er threshold voltage (note 8) 75 95 hy s t e r e s i s ( n o t e 8 ) 1 5 mv shutdow n input input logic voltage low (regulator on) high (regulator off) 2 1 . 3 0 . 7 v shut dow n pin input current v s =2.4v v s =30v 3 0 450 50 600 (note 9) v out = 5.0 v 3 10 3.3v d v out < 5.0 v 2 0 regulator output current in shutdow n 2.0v d v out < 3.3 v 3 0 a note 1: output or reference voltage temperature coefficients defined as the w o rst case voltage change divided by the total temp erature range. note 2: unless otherw i se specified all limits guaranteed for t j = 25 q c, vin = v 0 + 1v, i l = 100a and c l = 1f. additional conditions for the 8-pin versions are feedback tied to - xx v tap and output tied to output sense (v out = xx v) and v s hutdow n d 0.8 v note 3: regulations is measured at const ant junction temperature, using pulse testi ng w i th a low duty cy cle. changes in output voltage due to heating effects are covered under the specification for thermal regulation. note 4: line regulation for mik2951-xx is tested at 150 q c for i l = 1ma. for i l = 100a and t j = 125 q c, line regulation is guaranteed by design to 0.2%. see ty pical performanc e characteristics for line regulation versus temperature and load current. note 5: dropout voltage is defined as the input to output diffe rential at w h ich the output voltage drops 100mv below its nomina l value measured at 1v differential. at very low values of programm ed output voltage, the minimum input supply voltage of 2v (2.3v over temperature) must be taken into account. note 6: vref d vout d (vi n - 1v), 2.3v d vin d 30v, 100a d i l d 100ma, t j d t jm a x . note 7: output or reference voltage temperature coefficient is defined as the w o rst case voltage change divided by the total te mperature range. note 8: comparator thresholds are expressed in terms of a vo ltage differential at the feedback terminal below the nominal refer ence voltage measured at v 0 + 1v input. to express these thresholds in terms of output voltage change, multiply by the error amplifier page 2 of 3 beijing estek electronics co.,ltd et- lp2950-xx et- lp2951-xx
gain = v out /v re f = (r1 + r2)/r2. for example, at a programmed output voltage of 5v, the error output is guaranteed to go low w hen the output drops by 95mv x 5v/1.235v=384mv. thresholds remain c onstant as a percent of vout as vout is varied, w i th the dropout w a rning occurring at ty pically 5% below nominal, 7.5% guaranteed. note 9: v s hutdow n t 2v, vin d 30v, vout = 0, feedback pin tied to -xx v tap. block diagram and ty pical applications mik2950-xx mik2951-xx page 3 of 3 beijing estek electronics co.,ltd et- lp2950-xx et- lp2951-xx


▲Up To Search▲   

 
Price & Availability of ET-LP2950-XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X